Part Number Hot Search : 
4DFT1G 3KP78CA 30KPA66C VRE310BS 0G1TC10 TLMK3200 IN4937G V250LT2P
Product Description
Full Text Search
 

To Download APT60D60LCTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  053-6017 rev b 4-2005 new diode data sheet by darel bidwell maximum ratings all ratings per leg: t c = 25c unless otherwise speci?ed. apt w ebsite - http://www .a dv ancedpo we r. com static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 1.6 1.8 1.9 1.4 250 500 90 characteristic / test conditions forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 60a i f = 120a i f = 60a, t j = 125c v r = v r rated v r = v r rated, t j = 125c product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular to-264 package ? low forward voltage ? low leakage current p roduct applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters -inverters ? snubber diode ? pfc ultrafast soft recovery rectifier diode 6 00v 2x60a apt60d60lct APT60D60LCTG* *g denotes rohs compliant, pb free terminal finish. ? 1 - anode 1 2 - common cathode back of case - cathode 3 - anode 2 1 3 2 characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 135c, duty cycle = 0.5) rms forward current (square wave, 50% duty) non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature range lead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm t j ,t stg t l unit volts amps c apt60d60lct(g) 600 60 132 600 -55 to 175 300 to -264 1 2 3
apt60d60lct(g) dynamic characteristics 053-6017 rev b 4-2005 apt reserves the right to change, without notice, the speci?cations and information contained herein. new diode data sheet by darel bidwell thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque symbol r jc r ja w t torque min typ max .34 40 0.22 5.9 10 1.1 unit c /w oz g lb?in n?m min typ max - 40 - 130 - 220 - 4 - - 170 - 920 - 10 - - 80 - 1900 - 38 unit ns nc amp s ns nc amp s ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q r r i r rm t rr q r r i rrm t rr q r r i r rm test conditions i f = 60a, di f /dt = -200a/ s v r = 400v, t c = 25 c i f = 60a, di f /dt = -200a/ s v r = 400v, t c = 125 c i f = 60a, di f /dt = -1000a/ s v r = 400v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 figure 1b, transient thermal impedance model peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note : 0.129 c/ w 0.211 c/ w 0.0107 j/ c 0.120 j/ c powe r (watts ) rc mode l junctio n tem p ( c) case temperatur e ( c)
053-6017 rev b 4-2005 apt60d60lct(g) typical performance curves t j = 125 c v r = 400v 30a 60a 120a 200 180 160 140 120 100 80 60 40 20 0 40 35 30 25 20 15 10 5 0 duty cycle = 0.5 t j = 175 c 160 140 120 100 80 60 40 20 0 1.2 1.0 0.8 0.6 0.4 0.2 0.0 700 600 500 400 300 200 100 0 c j , junction capacitance k f , dynamic paramete rs (pf) (normalized to 1000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage 200 180 160 140 120 100 80 60 40 20 0 2500 2000 1500 1000 500 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = 150 c t j = -55 c t j = 25 c t j = 125 c 0 0.5 1 1.5 2 2.5 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 t j = 125 c v r = 400v 120a 30a 60a t j = 125 c v r = 400v 120a 60a 30a t rr q rr q rr t rr i rrm 0 25 50 75 100 125 150 25 50 75 100 125 150 175 1 10 100 200
apt60d60lct(g) 053-6017 rev b 4-2005 apt60m75l2ll apts products are covered by one or more of u.s.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. us and foreign pat ents pending. all rights reserved. 4 3 1 2 5 5 zer o 1 2 3 4 di f /d t - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current . t rr - reverse r ecovery time, measured from zero crossing wher e diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero . figure 9. diode test circui t figure 10, diode reverse recovery waveform and definition s 0.25 i rr m pearson 2878 current transformer di f /d t adjus t 30 h d.u.t. +18v 0v v r t rr / q rr waveform to-264 (lct) package outline 19.51 (.768) 20.50 (.807) 19.81 (.780) 21.39 (.842) 25.48 (1.003) 26.49 (1.043) 2.29 (.090) 2.69 (.106) 0.76 (.030) 1.30 (.051) 3.10 (.122) 3.48 (.137) 4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 2.59 (.102) 3.00 (.118) 0.48 (.019) 0.84 (.033) common cathode anode 2 anode 1 dimensions in millimeters and (inches) common cathode 2.29 (.090) 2.69 (.106) 5.79 (.228) 6.20 (.244) 2.79 (.110) 3.18 (.125) 5.45 (.215) bs c 2-plcs. e1 sac: tin, silver, copper


▲Up To Search▲   

 
Price & Availability of APT60D60LCTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X